|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
48 V Input DC-DC Converter Modules Features * DC input range: 36 - 75 V * Efficiency: Up to 93% * DC output: 1 - 48 V * Maximum operating temp: 100C, full load * Isolated output * Highly efficient: ZCS/ZVS switching * Fast dynamic response * Low profile: 0.37 in. (9.5 mm) * RoHS Compliant 3 * Low noise: Sine Amplitude ConverterTM * Power density up to 145 W/in (SACTM) technology * Agency approvals Size: 2.19 x 1.91 x 0.37 in 55,7 x 48,6 x 9,5 mm Applications * * * * * * * Product Overview VI Brick DC-DC converters use advanced Sine Amplitude ConverterTM (SACTM) technology, thermally enhanced packaging technologies, and advanced CIM processes to provide high power density and efficiency, superior transient response, and improved thermal management. The high speed 3.5 MHz, zero current switching-zero voltage switching (ZCS-ZVS) design enables efficient and low noise operation throughout the operating range. Communications Distributed power ATE Defense Aerospace Medical And other applications requiring high efficiency Product Selection: 36 - 75 V DC Input Range Output Voltage 1.0 Vdc 1.5 Vdc 1.8 Vdc 2.5 Vdc 3.0 Vdc 3.3 Vdc 5 Vdc 10 Vdc 12 Vdc 15 vdc 24 Vdc 28 Vdc 48 Vdc Output Power (W) 100 120 144 175 180 165 180 180 220 200 220 190 220 Current (A) 100 80 80 70 60 50 36 18 18.33 13.33 9.17 6.79 4.58 Efficiency (%) 85 87 89 90 91 91 91 92 92 92 92 92 93 DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B DC048B 010 015 018 025 030 033 050 100 120 150 240 280 480 Part Numbering 010 012 014 017 018 016 018 018 022 020 022 019 022 Product Grade Temperatures (C) Grade T= M= Operating -40 to +100 -55 to +100 Storage -40 to +125 -65 to +125 Baseplate F = Slotted flange T = Longitudinal heat sink[a] [a] Contact Pin Style P = Through hole factory VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 1 of 21 MODULE FAMILY ELECTRICAL CHARACTERISTICS Electrical characteristics apply over the full operating range of input voltage, output load (resistive) and baseplate temperature, unless otherwise specified. All temperatures refer to the operating temperature at the center of the baseplate. Absolute Maximum Ratings Parameter +In to -In voltage PC to -In voltage +Out to -Out 1.0 V 1.5 V 1.8 V 2.5 V 3.0 V 3.3 V 5V 10 V 12 V 15 V 24 V 28 V 48 V Isolation voltage In to out In to base Out to base Operating Temperature Storage Temperature Pin soldering temperature Mounting torque -0.5 to 4.0 -0.5 to 4.0 -0.5 to 4.0 -0.5 to 6.0 -0.5 to 6.0 -0.5 to 12.0 -0.5 to 12.0 -0.5 to 30.0 -0.5 to 30.0 -0.5 to 25 -0.5 to 50.0 -0.5 to 48.0 -0.5 to 60.0 2,250 2,250 707 -55 to +100 -65 to +125 500 (260) 750 (390) 5 (0.57) Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc Vdc C C F (C) F (C) in-lbs (N-m) Test voltage Test voltage Test voltage M-Grade M-Grade <5 sec; wave solder <7 sec; hand solder 6 each Rating -1.0 to +85 -0.3 to +6.0 Unit Vdc Vdc Notes Note: Stresses in excess of the maximum ratings can cause permanent damage to the device. Operation of the device is not implied at these or any other conditions in excess of those given in the specification. Exposure to absolute maximum ratings can adversely affect device reliability. Input Specifications Parameter Operating input voltage Input surge withstand Undervoltage turn-on Undervoltage turn-off Overvoltage turn-on Overvoltage turn-off Recommended external input capacitance 30.4 75.7 33.8 31.8 77.3 78.8 100 81.0 Min 36 Typ 48 Max 75 85 35.3 Unit Vdc Vdc Vdc Vdc Vdc Vdc F See Figure 19 Notes VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 2 of 21 MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.) Output Specifications Parameter Output voltage setpoint Line regulation Temperature regulation [a] [a] Min Typ 2% 0.5 0.03 Max 1 .05 Unit Vout nom. % % / C Notes Nominal input; full load; 25C Low line to high line; full load, deviation from setpoint Over operating temperature range For important information relative to applications where the converter modules are subject to continuous dynamic loading, contact Vicor applications engineering at 800-927-9474. Control Specifications Parameter Primary Control (PC) DC voltage Module disable voltage Module enable voltage Disable hysteresis Current limit Disable delay time 4.8 2.3 5.0 2.4 2.5 100 1.75 1 1.90 2.6 5.2 Vdc Vdc Vdc mV mA s Referenced to -In Referenced to -In Referenced to -In Min Typ Max Unit Notes Thermal Resistance and Capacity Parameter Baseplate to sink; flat, greased surface Baseplate to sink; thermal pad Baseplate to ambient Baseplate to ambient; 1000 LFM Thermal capacity Min Typ 0.20 0.18 6.5 2.0 47.7 Max Unit C/Watt C/Watt C/Watt C/Watt Watt-sec/C 8 Thermal Impedance (C/W) 7 6 5 4 3 2 1 0 0 200 400 600 800 1000 Air Velocity (LFM) Figure 1 - Thermal impedance vs. airflow VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 3 of 21 MODULE FAMILY ELECTRICAL CHARACTERISTICS (CONT.) General Specifications Parameter Isolation voltage Isolation resistance (in to out) Weight Thermal protection Agency approvals 125 Min In to out In to base Out to base Typ 2,250 2,250 707 10 2.19 62.14 130 cTUVus, CE 135 Max Unit Vdc Vdc Vdc megohms ounces grams C Junction temperature, with automatic recovery UL60950-1, CSA0950-1, EN60950-1, IEC60950-1. With appropriate fuse in series with the +Input Notes Test voltage, complies with basic insulation requirements Test voltage, complies with basic insulation requirements Test voltage, complies with operational insulation requirements Note: Specifications are subject to change without notice. VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 4 of 21 1.0 Vout, 100 W OPERATING SPECIFICATIONS - (e.g. DC048B010T010FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 82 1.17 5.5 0.6 0 108 0 Typ 85 100 Max 138 1.24 7.6 1.5 108,000 100 130 50 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 115 1.0 Efficiency vs. Output Current 90 85 Efficiency (%) 80 75 70 65 60 10 20 30 40 50 60 70 80 90 100 Vin 36 V 48 V 75 V Output Current (A) Figure 2-1 - Efficiency vs. load Figure 2-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 25 Power Dissipation (W) 20 15 10 5 0 10 20 30 40 50 60 70 80 90 100 Vin 36 V 48 V 75 V Output Current (A) Figure 2-2 - Power dissipation vs. load Figure 2-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 120 Output Ripple (mVpk-pk) 100 80 60 40 20 0 0 20 40 60 80 100 Vin NL Output Current (A) Figure 2-3 - Output ripple vs. load with no external bypass capacitance Figure 2-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 5 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 1.5 Vout, 120 W OPERATING SPECIFICATIONS - (e.g. DC048B015T012FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 83 1.75 5.5 0.6 0 86.4 0 Typ 87 100 Max 125 1.86 7.6 1.5 48,000 80 104 40 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 92 1.0 Efficiency vs. Output Current 95 90 85 Efficiency (%) 80 75 70 65 60 55 50 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 Vin 36 V 48 V 75 V Output Current (A) Figure 3-1 - Efficiency vs. load Figure 3-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 Vin 36 V 48 V 75 V Output Current (A) Figure 3-2 - Power dissipation vs. load Figure 3-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 90 Output Ripple (mVpk-pk) 80 70 60 50 40 30 20 10 0 0 20 40 60 80 Vin NL Output Current (A) Figure 3-3 - Output ripple vs. load with no external bypass capacitance Figure 3-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 6 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 1.8 Vout, 144 W OPERATING SPECIFICATIONS - (e.g. DC048B018T014FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 86 2.33 5.5 0.6 0 86.4 0 Typ 89 87 Max 109 2.48 7.6 1.5 27,000 80 104 40 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 92 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 8 16 24 32 40 48 56 64 72 80 Vin 36 V 48 V 75 V Output Current (A) Figure 4-1 - Efficiency vs. load Figure 4-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 8 16 24 32 40 48 56 64 72 80 Vin 36 V 48 V 75 V Output Current (A) Figure 4-2 - Power dissipation vs. load Figure 4-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 100 Output Ripple (mVpk-pk) 90 80 70 60 50 40 30 20 10 0 0 20 40 60 80 Vin NL Output Current (A) Figure 4-3 - Output ripple vs. load with no external bypass capacitance Figure 4-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 7 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 2.5 Vout, 175 W OPERATING SPECIFICATIONS - (e.g. DC048B025T017FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 87 3.5 5.5 0.6 0 75.6 0 Typ 90 65 Max 95 3.71 7.6 1.5 12,000 70 91 35 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 80.5 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 7 14 21 28 35 42 49 56 63 70 Vin 36 V 48 V 75 V Output Current (A) Figure 5-1 - Efficiency vs. load Figure 5-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 24 22 Power Dissipation (W) 20 18 16 14 12 10 8 6 4 0 7 14 21 28 35 42 49 56 63 70 Vin 36 V 48 V 75 V Output Current (A) Figure 5-2 - Power dissipation vs. load Figure 5-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 90 Output Ripple (mVpk-pk) 80 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 70 Vin NL Output Current (A) Figure 5-3 - Output ripple vs. load with no external bypass capacitance Figure 5-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 8 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 3.0 Vout, 180 W OPERATING SPECIFICATIONS - (e.g. DC048B030T018FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 88 3.5 5.5 0.6 0 64.8 0 Typ 91 56 Max 90 3.71 7.6 1.5 12,000 60 78.0 30 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 69.0 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 6 12 18 24 30 36 42 48 54 60 Vin 36 V 48 V 75 V Output Current (A) Figure 6-1 - Efficiency vs. load Figure 6-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 6 12 18 24 30 36 42 48 54 60 Vin 36 V 48 V 75 V Output Current (A) Figure 6-2 - Power dissipation vs. load Figure 6-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 80 Output Ripple (mVpk-pk) 70 60 50 40 30 20 10 0 0 10 20 30 40 50 60 Vin NL Output Current (A) Figure 6-3 - Output ripple vs. load with no external bypass capacitance Figure 6-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 9 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 3.3 Vout, 165 W OPERATING SPECIFICATIONS - (e.g. DC048B033T016FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 87 4.67 5.5 0.6 0 54.0 0 Typ 91 130 Max 163 4.95 7.6 1.5 6,700 50 65 25 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 57.5 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 5 10 15 20 25 30 35 40 45 50 Vin 36 V 48 V 75 V Output Current (A) Figure 7-1 - Efficiency vs. load Figure 7-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 22 Power Dissipation (W) 20 18 16 14 12 10 8 6 4 0 5 10 15 20 25 30 35 40 45 50 Vin 36 V 48 V 75 V Output Current (A) Figure 7-2 - Power dissipation vs. load Figure 7-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 140 Output Ripple (mVpk-pk) 120 100 80 60 40 20 0 0 10 20 30 40 50 Vin NL Output Current (A) Figure 7-3 - Output ripple vs. load with no external bypass capacitance Figure 7-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 10 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 5.0 Vout, 180 W OPERATING SPECIFICATIONS - (e.g. DC048B050T018FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 88 7.0 5.5 0.6 0 38.88 0 Typ 91 130 Max 165 7.43 7.6 1.5 3,000 36 46.8 18.0 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 41.4 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 3.6 7.2 10.8 14.4 18 21.6 25.2 28.8 32.4 36 Vin 36 V 48 V 75 V Output Current (A) Figure 8-1 - Efficiency vs. load Figure 8-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 22 Power Dissipation (W) 20 18 16 14 12 10 8 6 4 0 3.6 7.2 10.8 14.4 18 21.6 25.2 28.8 32.4 36 Vin 36 V 48 V 75 V Output Current (A) Figure 8-2 - Power dissipation vs. load Figure 8-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 160 Output Ripple (mVpk-pk) 140 120 100 80 60 40 20 0 0 10 20 30 40 Vin NL Output Current (A) Figure 8-3 - Output ripple vs. load with no external bypass capacitance Figure 8-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 11 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 10 Vout, 180 W OPERATING SPECIFICATIONS - (e.g. DC048B100T018FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 89 14.0 5.5 0.6 0 19.44 0 Typ 92 80 Max 125 14.85 7.6 1.5 750 18 23.4 9.0 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 20.7 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 2 4 6 8 10 12 14 16 18 Vin 36 V 48 V 75 V Output Current (A) Figure 9-1 - Efficiency vs. load Figure 9-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 2 4 6 8 10 12 14 16 18 20 Vin 36 V 48 V 75 V Output Current (A) Figure 9-2 - Power dissipation vs. load Figure 9-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 140 Output Ripple (mVpk-pk) 120 100 80 60 40 20 0 0 5 10 15 20 Vin NL Output Current (A) Figure 9-3 - Output ripple vs. load with no external bypass capacitance Figure 9-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 12 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 12 Vout, 220 W OPERATING SPECIFICATIONS - (e.g. DC048B120T022FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 87 14.0 5.5 0.6 0 19.80 0 Typ 92 160 Max 200 14.85 7.6 1.5 750 18.33 23.83 9.17 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 21.08 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 1.83 3.66 5.49 7.32 9.15 10.98 12.81 14.64 16.47 18.3 Vin 36 V 48 V 75 V Output Current (A) Figure 10-1 - Efficiency vs. load Figure 10-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 24 22 Power Dissipation (W) 20 18 16 14 12 10 8 6 4 0 5 10 15 20 Vin 36 V 48 V 75 V Output Current (A) Figure 10-2 - Power dissipation vs. load Figure 10-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 200 Output Ripple (mVpk-pk) 180 160 140 120 100 80 60 40 20 0 0 5 10 15 20 Vin NL Output Current (A) Figure 10-3 - Output ripple vs. load with no external bypass capacitance Figure 10-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 13 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 15 Vout, 200 W OPERATING SPECIFICATIONS - (e.g. DC048B150T020FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 89 18.67 5.5 0.6 0 14.40 0 Typ 92 115 Max 144 19.8 7.6 1.5 423 13.33 17.33 6.67 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 15.33 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 1.3 2.6 3.9 5.2 6.5 7.8 9.1 10.4 11.7 13 Vin 36 V 48 V 75 V Output Current (A) Figure 11-1 - Efficiency vs. load Figure 11-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 1.33 2.66 3.99 5.32 6.65 7.98 9.31 10.64 11.97 13.3 Vin 36 V 48 V 75 V Output Current (A) Figure 11-2 - Power dissipation vs. load Figure 11-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 140 Output Ripple (mVpk-pk) 120 100 80 60 40 20 0 0 5 10 15 Vin NL Output Current (A) Figure 11-3 - Output ripple vs. load with no external bypass capacitance Figure 11-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 14 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 24 Vout, 220 W OPERATING SPECIFICATIONS - (e.g. DC048B240T022FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 87 28.0 5.5 0.6 0 9.90 0 Typ 92 108 Max 135 29.7 7.6 1.5 188 9.17 11.92 4.59 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 10.55 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 0.91 1.82 2.73 3.64 4.55 5.46 6.37 7.28 8.19 9.1 Vin 36 V 48 V 75 V Output Current (A) Figure 12-1 - Efficiency vs. load Figure 12-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 24 22 Power Dissipation (W) 20 18 16 14 12 10 8 6 4 0 2 4 6 8 10 Vin 36 V 48 V 75 V Output Current (A) Figure 12-2 - Power dissipation vs. load Figure 12-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 120 Output Ripple (mVpk-pk) 100 80 60 40 20 0 0 2 4 6 8 10 Vin NL Output Current (A) Figure 12-3 - Output ripple vs. load with no external bypass capacitance Figure 12-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 15 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 28 Vout, 190 W OPERATING SPECIFICATIONS - (e.g. DC048B280T019FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 89 37.33 5.5 0.6 0 7.33 0 Typ 92 130 Max 163 39.6 7.6 1.5 106 6.79 8.83 3.40 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 7.81 10 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 0.67 1.34 2.01 2.68 3.35 4.02 4.69 5.36 6.03 6.7 Vin 36 V 48 V 75 V Output Current (A) Figure 13-1 - Efficiency vs. load Figure 13-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 0.67 1.34 2.01 2.68 3.35 4.02 4.69 5.36 6.03 6.7 Vin 36 V 48 V 75 V Output Current (A) Figure 13-2 - Power dissipation vs. load Figure 13-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 120 Output Ripple (mVpk-pk) 100 80 60 40 20 0 0 2 4 6 8 Vin NL Output Current (A) Figure 13-3 - Output ripple vs. load with no external bypass capacitance Figure 13-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 16 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com 48 Vout, 220 W OPERATING SPECIFICATIONS - (e.g. DC048B480T022FP) Parameter Efficiency Ripple and noise Output OVP setpoint Dissipation, standby Load regulation Output capacitance Load current Current limit (peak) Short circuit current (avg) Min 90 56.0 5.5 0.6 0 4.95 0 Typ 93 160 Max 200 59.4 7.6 1.5 47 4.58 5.95 2.29 Unit % mV Volts Watts % F Amps Amps Amps Notes Nominal input; full load; 25C p-p; Nominal input; full load; 20 MHz bandwith 25C; recycle input voltage to restart (1 minute off) No load No load to full load; nominal input, deviation from setpoint External Shut down, may require PC enable to initiate restart Shut down, may require PC enable to initiate restart 5.27 1.0 Efficiency vs. Output Current 95 90 Efficiency (%) 85 80 75 70 65 0 0.45 0.9 1.35 1.8 2.25 2.7 3.15 3.6 4.05 4.5 4.95 Vin 36 V 48 V 75 V Output Current (A) Figure 14-1 - Efficiency vs. load Figure 14-4 - Transient response 100 - 50%, 3 x 4.7 F ceramic bypass capacitance Power Dissipation vs. Output Current 20 Power Dissipation (W) 18 16 14 12 10 8 6 4 0 0.45 0.9 1.35 1.8 2.25 2.7 3.15 3.6 4.05 4.5 4.95 Vin 36 V 48 V 75 V Output Current (A) Figure 14-2 - Power dissipation vs. load Figure 14-5 - Transient response 50 - 100%, 3 x 4.7 F ceramic bypass capacitance Ripple vs. Output Current 160 Output Ripple (mVpk-pk) 140 120 100 80 60 40 20 0 0 1 2 3 4 5 Vin NL Output Current (A) Figure 14-3 - Output ripple vs. load with no external bypass capacitance Figure 14-6 - Output voltage ripple at nominal line and full load with no external bypass capacitance. Rev. 1.0 Page 17 of 21 VI Brick / 48V Input DC-DC Converter Modules vicorpower.com PIN / CONTROL FUNCTIONS +In / -In DC Voltage Ports The maximum input voltage should not be exceeded. The modules have internal over / undervoltage lockout functions that prevent operation outside of the specified input range. They will turn on when the input voltage rises above its undervoltage lockout. If the input voltage exceeds the overvoltage lockout, the module will shut down until the overvoltage fault clears. PC will toggle indicating an out of bounds condition. PC - Primary Control The output voltage is enabled when the PC pin is open circuit (floating). To disable the module's output voltage, the PC pin is pulled low (referenced to -IN). Open collector optocouplers, transistors, or relays can be used to control the PC pin. During an abnormal condition the PC pin will pulse (Figure 17) as the module initiates a restart cycle. This will continue until the abnormal condition is rectified. The PC pin should not be used as an auxiliary voltage supply, nor should it be switched at a rate greater than 1 Hz. Figure 17 -- PC module alarm logic Figure 18 -- Pin configuration (as viewed from pin side) Figure 15 -- Nominal line full load, turn on delay, Vin vs. Vout Disable Figure 16 -- Module enable/disable. VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 18 of 21 PIN / CONTROL FUNCTIONS (CONT.) Scope Probe Jack 4.7 F Ceramic -- To Vsource -- For agency approvals and fusing conditions, click on the link below: http://www.vicorpower.com/technical_library/technical_documentation/quality_and_certification/safety_approvals/ Figure 19 -- Test set-up diagram for input and output ripple. VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 + 100 F Electrolytic Capacitor L O A D + Page 19 of 21 MECHANICAL DRAWINGS Baseplate - Slotted Flange Heat Sink (Longitudinal) Note: RoHS COMPLIANT PER CST-001 LATEST REVISION Figure 20 -- Module outline Recommended PCB Pattern (Component side shown) Note: RoHS COMPLIANT PER CST-001 LATEST REVISION Figure 21 -- PCB mounting specifications VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 Page 20 of 21 Warranty Vicor products are guaranteed for two years from date of shipment against defects in material or workmanship when in normal use and service. This warranty does not extend to products subjected to misuse, accident, or improper application or maintenance. Vicor shall not be liable for collateral or consequential damage. This warranty is extended to the original purchaser only. EXCEPT FOR THE FOREGOING EXPRESS WARRANTY, VICOR MAKES NO WARRANTY, EXPRESS OR IMPLIED, INCLUDING, BUT NOT LIMITED TO, THE WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. Vicor will repair or replace defective products in accordance with its own best judgement. For service under this warranty, the buyer must contact Vicor to obtain a Return Material Authorization (RMA) number and shipping instructions. Products returned without prior authorization will be returned to the buyer. The buyer will pay all charges incurred in returning the product to the factory. Vicor will pay all reshipment charges if the product was defective within the terms of this warranty. Information published by Vicor has been carefully checked and is believed to be accurate; however, no responsibility is assumed for inaccuracies. Vicor reserves the right to make changes to any products without further notice to improve reliability, function, or design. Vicor does not assume any liability arising out of the application or use of any product or circuit; neither does it convey any license under its patent rights nor the rights of others. Vicor general policy does not recommend the use of its components in life support applications wherein a failure or malfunction may directly threaten life or injury. Per Vicor Terms and Conditions of Sale, the user of Vicor components in life support applications assumes all risks of such use and indemnifies Vicor against all damages. Vicor's comprehensive line of power solutions includes high density AC-DC and DC-DC modules and accessory components, fully configurable AC-DC and DC-DC power supplies, and complete custom power systems. Information furnished by Vicor is believed to be accurate and reliable. However, no responsibility is assumed by Vicor for its use. Vicor components are not designed to be used in applications, such as life support systems, wherein a failure or malfunction could result in injury or death. All sales are subject to Vicor's Terms and Conditions of Sale, which are available upon request. Specifications are subject to change without notice. Intellectual Property Notice Vicor and its subsidiaries own Intellectual Property (including issued U.S. and Foreign Patents and pending patent applications) relating to the products described in this data sheet. Interested parties should contact Vicor's Intellectual Property Department. The products described on this data sheet are protected by the following U.S. Patents Numbers: 5,945,130; 6,403,009; 6,710,257; 6,788,033; 6,940,013; 6,969,909; 7,038,917; 7,154,250; 7,166,898; 7,187,263; 7,202,646; D496,906; D506,438; D509,472; 6,911,848; 6,930,893; 6,934,166; 7,145,186; D505,114; and for use under 6,975,098 and 6,984,965 Vicor Corporation 25 Frontage Road Andover, MA, USA 01810 Tel: 800-735-6200 Fax: 978-475-6715 email Customer Service: custserv@vicorpower.com Technical Support: apps@vicorpower.com VI Brick / 48V Input DC-DC Converter Modules vicorpower.com Rev. 1.0 3/08 |
Price & Availability of DC048B280M019FP |